Part Number Hot Search : 
3S285 2SK824 MB401 SL120 NTXV1N AMA2800 F1206 2SD2656
Product Description
Full Text Search
 

To Download 0458021123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0458021123 Active
1.20mm (.047") x 2.00mm (.079") Pitch HD MezzTM Receptacle, 299 Circuits, 18.00mm (.708") Unmated Height, 23 Rows, Tin-Lead
Documents: 3D Model Drawing (PDF)
Product Specification PS-45802-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS Not RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed China RoHS
Agency Certification
CSA UL
General
Product Family Series Application Comments Product Name PCB Receptacles 45802 Board-to-Board 1.20mm (.047") Pitch Pin-to-Pin and 2.00mm (.079") Pitch Row-to-Row Mezzanine
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable 299 299 Black 100 94V-0 No No None Yes High Performance Alloy (HPA) Gold Lead, Tin High Temperature Thermoplastic 23 Vertical 0.000 In 0.00 mm Yes Yes 0.000 In 0.00 mm Tray 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 100 2.5 Yes Yes Vacuum Pick-Up Tape No
Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 45802Series Mates With 45830 HD MezzTM Plug
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes -55C to +105C Surface Mount
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 2A No 250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Replacement RoHS Compliant Part Number 20 Reflow Capable (SMT only) 2 260 0458021223
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-45802-001 PS-45802-001 SD-45802-001 TS-45802-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0458021123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X